Part Number Hot Search : 
MAZD240 D8144 MPC9894 1100A 2SK2142 BGY81 EL5411 ST33G512
Product Description
Full Text Search
 

To Download PI4ULS5V201XVE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| 1 - bit bi - directional level shifter with automatic sensing 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 1 pi4uls5v201 features ? v cca can be less than, greater than or equal to v ccb ? 1. 2 v to 5.5 v on a port and 1. 2 v t o 5.5 v on b port ? high - speed with 2 0 mb/s guaranteed dat a rate for push - pull application ? high - speed with 2 mb/s guaranteed dat a rate for open - drain application ? no direction - control signal needed ? low bit - to - bit skew ? non - preferential power - up sequencing ? esd protection exceeds 8k v hbm per jesd22 - a114 ? integrated 10 k pull - up resistors ? package : u d fn1. 2 x1.6 - 8l and sot23 - 6l applications ? i 2 c, smbus , mdio ? low voltage asic level translation ? mobile phones, pdas, camera pin configuration u d fn1. 2 x1.6 - 8l descripti on the pi4uls5v20 1 is a 1 - bit configurable dual supply bidirectional auto sensing translator that does not require a directional control pin. the a and b ports are designed to track two different power supply rails, v cca and v ccb respectively. both the v cc a and v ccb supply rails are configurable from 1. 2 v to 5.5 v. this allows voltage logic signals on the v cca side to be translated into lower, higher or equal value voltage logic signals on the v ccb side, and vice - versa. the translator has integrated 10 k? pull - up resistors on the i/o lines. the integrated pull - up resistors are used to pull - up the i/o lines to either v cca or v ccb . the pi4uls5v20 1 is an excellent match for open - drain applications such as the i 2 c communication bus . pin descriptio n pin name type description v cca power a - port supply voltage.1. 2 v cca cca . gnd gnd ground. en input output enable (active high). pull en low to place all outputs in 3 - state mode. b i/o input/output b. r eferenced to v ccb v ccb power b - port supply voltage. 1. 2 v ccb nc - n ot connect v cca a nc gnd v ccb nc b en a gnd v cca v ccb b en 1 2 3 4 5 6 sot23 - 6l
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 2 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing block diagram figure 1: block diagram maximum ratings storage temperature ................................ ................................ ................... - 6 5 o c to +1 50 o c dc supply voltage port b ................................ ................................ .............. - 0. 3 v to + 5.5 v dc supply voltage por t a ................................ ................................ .............. - 0. 3 v to +5.5 v vi(a) referenced dc input / output voltage ................................ .............. - 0 . 3 v to + 5.5 v v i(b) referenced dc input / output voltage ................................ ............... - 0.3 v to +5.5 v enable control pin dc input voltage ................................ ....... - 0.3 v to +5.5 v short circuit duration ( i/o to gnd) ................................ ...................... 4 0 ma recommended operation conditio ns symbol parameter min typ max unit v cca v cca positive dc supply voltage 1. 2 - 5.5 v v cc b v ccb positive dc supply voltage 1. 2 - 5.5 v v en enable control pin voltage gnd - 5.5 v v io i/o pin voltage gnd - 5.5 v t a operating temperature range - 40 - +85 c note: stresses greater than those listed under maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other condi - tions above those indicated in the operational s ec - tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability.
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 3 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing dc electrical characteristics unless otherwise specified, - 40ct a 8 5c , 1. 2 v vcc 5.5v symbol parameter test conditions min typ max unit v ihb b port input high voltage - v ccb C ilb b port input low voltage - - - 0.15 v v iha a port in put high voltage - v cca C ila a port input low voltage - - - 0.15 v v ih control pin input high voltage - v cca C il control pin input low voltage - - - 0.15 v v ohb b port output high voltage b port source current = - 20 a 2/3 * v cc b - - v v olb b port output low voltage b port sink current = 1 ma - - 1/3 * v ccb v v oha a port output high voltage a port source current = - 20 a 2/3 * v cca - - v v ola a port output low voltage a port sink current = 1 ma - - 1/3 * v cca v i qvcb v ccb supply current b port and a port unconnected, ven = v cca - 0.5 5.0 a i qvca v cca supply current b port and a port unconnected, ven = v cca - 0.3 5.0 a i ts ? ccb b tri?state output mode ts ? cca a tri?state o oz i/o t r i ? pu pull ? k? note : all units are production tested at t a = +25 c. limits over the operating temperature range are guaranteed by design. typical values are for v ccb = +2.8 v, v cca = +1.8 v and t a = +25c. ac electrical characteristics t iming characteristics ? rail ? to ? rail driving configuration (i/o test circuits of figures 2, 3 and 7, c load = 15 pf, driver output impedance 50 , r load = 1 m, unless otherwise specified) symbol parameter test conditions min typ max unit v cca = 1.8v , v ccb = 2.8 v t r b b port rise t ime - - - 15 ns t f b b port fall t ime - - - 15 ns t ra a port rise t ime - - - 25 ns t f a a port fall t ime - - - 10 ns t phl ? a ? b propagation delay ( driving a ) - - - 15 ns t plh ? a ? b - - - 15 ns t phl ? b ? a propagation delay ( driving b ) - - - 15 ns t plh ? b ? a - - - 15 ns t ppskew part ? ?
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 4 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing continuously. symbol parameter test conditions min typ max unit v cca = 2.8v , v ccb = 1.8 v t r b b port rise t ime - - - 25 ns t f b b port fall t ime - - - 10 ns t ra a port rise t ime - - - 20 ns t fa a port fall t ime - - - 15 ns t phl?a?b plh?a?b phl?b?a plh?b?a ppskew part ? ? v cca = 2.5v , v ccb = 3.6 v t rb b p ort rise t ime - - - 15 ns t fb b port fall t ime - - - 10 ns t ra a port rise t ime - - - 15 ns t fa a port fall t ime - - - 10 ns t phl?a?b plh?a?b phl?b?a plh?b?a ppskew part ? ? v cca = 3.6v , v ccb = 2.5 v t rb b port rise t ime - - - 15 ns t fb b port fall t ime - - - 10 ns t ra a port rise t ime - - - 15 ns t fa a port fall t ime - - - 15 ns t phl?a?b plh?a?b phl?b?a p lh?b?a ppskew part ? ?
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 5 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing continuously. symbol parameter test conditions min typ max unit v cca = 1.5 v , v ccb = 5.5 v t r b b port rise t ime - - - 15 ns t fb b port fall t ime - - - 20 ns t ra a port rise t ime - - - 30 ns t fa a port fall t ime - - - 10 ns t phl?a?b plh?a?b phl?b?a plh?b?a ppskew part ? ? v cca = 5.5 , v ccb = 1. 5 v t rb b port rise t ime - - - 30 ns t fb b port fall t ime - - - 2 0 ns t ra a port rise t ime - - - 15 ns t fa a port fall t ime - - - 4 0 ns t phl?a?b plh?a?b phl?b?a plh?b?a ppskew part ? ? v cca = 1. 2 v , v ccb = 5.5 v t rb b port rise t ime - - - 15 ns t fb b port fall t ime - - - 30 ns t ra a port rise t ime - - - 30 ns t fa a port fall t ime - - - 15 ns t phl?a?b plh?a?b phl?b?a plh?b?a ppskew part ? ? v cca = 5.5 v , v ccb = 1.2 v t rb b port rise t ime - - - 30 ns t fb b port fall t ime - - - 15 ns t ra a port rise t ime - - - 15 ns t fa a port fall t ime - - - 30 ns t phl?a?b 15 ns t plh?a?b 15 ns t phl?b?a 20 ns t plh?b?a 15 ns t ppskew part ? ? 5 ns mdr maximum data rate - 20 - - mbps
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 6 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing t iming characteristics C open drain driving configuration (i/o test circuits of figures 4 , 5 and 7, c load = 15 pf, driver output impedance 50 , r load = 1 m, unless otherwi se specified) symbol parameter test conditions min typ max unit 1. 2 v cca v ccb 5.5v r b b port rise time - - - 4 5 0 ns t fb b port fall time - - - 3 0 ns t ra a port rise time - - - 4 5 0 ns t f a a port fall time - - - 3 0 ns t phl? a ? b propagation dela y ( driving a ) - - - 3 00 ns t plh? a ? b - - - 300 ns t phl? b ? a propagation delay ( driving b ) - - - 3 00 ns t plh? b ? a - - - 300 ns t ppskew part?to?part skew t est circuits pi4uls5v20 1 pi4uls5v20 1 pi4uls5v20 1 pi4uls5v20 1
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 7 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 8 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing functional descr iption the pi4uls5v20 1 is a 1 - bit configu rable dual - supply bidirectional auto sensing translator that does not req uire a directional control pin. the a and b ports are designed to track two different power supply rails, v cca and v ccb respectively. both the v cca and v ccb supply rails are configurable from 1. 2 v to 5.5 v. this allows voltage logic signals on the v cca side to be transla ted into lower, higher or equal value voltage logic signals on the v ccb side, and vice?versa. the translator has integrated 10 k? pull?up resistors on the i/o lines. the integrated pull - up resistors are used to pull?up th e i/o lines to either v cca or v ccb . the pi4uls5v 201 is an excellent match for open?d rain applications such as the i 2 c communication bus . a pplication infor mation level translator architecture the pi4uls5v20 1 auto sense translator provides bi directional voltage level shifting to transfer data in multiple supply voltage systems. this device has two supply voltages, v cca and v ccb , which set the logic levels o n the input and output sides of the translator. when used to transfer data from a port to b port , input signals referenced to the v cca supply are translated to output signals with a logic level matched to v ccb . in a similar manner, translation shifts input signals with a logic level compatible to v ccb to an output signal matched to v cca . the pi4uls5v20 1 consists of two bi directional channels that independently determine the direction of the data flow without requ iring a directional pin. the one - shot circuit s are used to detect the rising or falling input signals. in addition, the one shots decrease the rise and fall time of the output signal for high?to?low and low?to?high transitions. each input/output ch annel has an internal 10 k ? pull. the magni tude of the pull - up resistors can be reduced by connecting external resistors in parallel to the internal 10 k resistors. input driver requirements the rise (t r ) and fall (t f ) timing parameters of the open drain outputs depend on the magnitude of the pul l?up resistors. in - addition, the propagation times (t pd ), skew (t pskew ) and maximum data rate depend on the impedance of the device that is connected to the translator. the timing parameters listed in the data sheet assume that the output impedance of th e drivers connected to the translator is less than 50 k ? . enable input (en) the pi4uls5v20 1 has an enable pin (en) that provides tri?state operation at the i/o pins. driving the enable pin to a low logic level minimizes the power consumption of the device and drives the i/o v ccb and i/o v cca pins to a high impedance state. normal translation operation occurs when the en pin is equal to a logic high signal. the en pin is referenced to the v cca supply and has o vervoltage t olerant protection. power supply g uidelines during normal operation, supply volt age v cca can be greater than, less than or equal to v ccb . the sequencing of the power supplies will not damage the device during the power up operation. for optimal performance, 0.01 f to 0.1 f decoupling capac itors should be used on the v cca and v ccb power supply pins. ceramic capacitors are a good design choice to filter and bypass any noise signals on the voltage lines to the ground plane of the pcb. the noise immunity will be maximized by placing the capacitors as close as possible to the supply and ground pins, along with minimizing the pcb connection traces.
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 9 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing mechanical information u d fn 1.2 x1.6 - 8l
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 10 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing recommended land pattern for dfn1.6*1.2 - 8l note: all linear dimensions are in millimeters
||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||| ||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||| |||||||||||||||||||||||||||||||||| 2 0 1 5 - 0 7 - 0 0 2 4 pt0 462 - 3 0 7 / 2 8 /1 5 11 pi4uls5v201 1 - bit bi - di rectional level shifter with automatic sensing sot23 - 6l ordering inform ation part no. package code package pi4uls5v20 1 xv e xv lead free and green 8 - pin ud fn1.2x1.6 pi4uls5v20 1tae ta lead free and green 6 - pin sot23 note: ? e = pb - free and green ? adding x suffix = tape /r eel pericom semiconductor corporation ? 1 - 800 - 435 - 2336 ? www.pericom.com pericom reserves the right to make changes to its products or specifications at any time, without notice, in order to improve design or performance and to supply the best possible product. pericom do es not assume any responsibility for use of any circuitry described other than the circuitry embodied in pericom product. the company makes no representations that circuitry described herein is free from patent infringement or other rights, of pericom .


▲Up To Search▲   

 
Price & Availability of PI4ULS5V201XVE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X